PART |
Description |
Maker |
AM50-0004 AM50-0004RTR AM50-0004SMB AM50-0004TR AM |
Contact Gender:Pin; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:25-35 RoHS Compliant: No High Dynamic Range Low Noise Amplifier 1400-2000 MHz High Dynamic Range Low Noise Amplifier 1400-2000 MHz
|
MACOM[Tyco Electronics]
|
AM500004V3 AM50-0004V3 |
High Dynamic Range Low Noise Amplifier
|
M/A-Com
|
TC2141 |
Low Noise and High Dynamic Range Packaged GaAs FETs
|
Transcom, Inc.
|
MAALSS0025SMB MAALSS0025TR MAALSS0025 |
High Dynamic Range Low Noise Amplifier, 400 - 500 MHz
|
MACOM[Tyco Electronics]
|
MAAL-008624-000000 MAAL-008624-TR3000 MAAL-008624 |
High Dynamic Range Low Noise Amplifier 400 - 500 MHz
|
M/A-COM Technology Solutions, Inc.
|
PA1217 |
800-1000 MHz. Low Noise High Dynamic Range Linear Amplifier
|
MACOM[Tyco Electronics]
|
CFK0301-AK-0000 CFK0301-AK-000T |
900 MHz, high dynamic range dual, low-noise GaAs FET
|
CELERITEK
|
ATR4251-PFPY ATR4251-PFQY ATR4251-TKQY ATR4251-TKS |
SPECIALTY CONSUMER CIRCUIT, QCC24 Low-noise, High-dynamic-range Antenna Amplifier IC
|
聚兴科技股份有限公司 ATMEL Corporation
|
PA1214 |
1800-2000 MHz. Low Noise High Dynamic Range Linear Amplifier
|
Tyco Electronics
|
GALI-74 |
Surface Mount Monolithic Amplifier 50з, High dynamic range, DC to 1 GHz 0 MHz - 1000 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER Surface Mount Monolithic Amplifier 50? High dynamic range, DC to 1 GHz Surface Mount Monolithic Amplifier 50/ High dynamic range/ DC to 1 GHz
|
Mini-Circuits
|
263371 263372 263373 263374 263375 263378 263379 2 |
Ultrasound Variable-Gain Amplifier Evaluation Kit for the MAX2039 High-Linearity, 1700MHz to 3000MHz Upconversion/Downconversion Mixer with LO Buffer/Switch Quad-Channel, Ultra-Low-Noise Amplifier with Digitally Programmable Input Impedance High-Linearity, 1700MHz to 2200MHz Upconversion/Downconversion Mixer with LO Buffer/Switch 0.1GHz to 3GHz, 75dB Logarithmic Detector/Controller Evaluation Kit for the MAX2016 5V, RS-232 Transceivers with 0.1µF External Capacitors Evaluation Kit for the MAX2015 8-/4-Channel, ±VREF Multirange Inputs, Serial 14-Bit ADCs High-Dynamic-Range, Direct Up-/Downconversion, 750MHz to 1200MHz Quadrature Modulator/Demodulator High-Dynamic-Range, Direct Up-/Downconversion 1500MHz to 2300MHz Quadrature Mod/Demod High-Dynamic-Range, Direct Upconversion 1500MHz to 2500MHz Quadrature Modulator High-Linearity, 815MHz to 1000MHz Upconversion/Downconversion Mixer with LO Buffer/Switch 2.7V to 5.5V, Low-Power, 4-/12-Channel 2-Wire Serial 8-Bit ADCs Evaluation Kit for the MAX2043 Evaluation Kit for the MAX2027 Evaluation Kit for the MAX1036 MAX2023 Evaluation Kit PHOTOLUM.WARNING STRIPS PHOTOLUM.WARNING带钢 WARNING TAPES STD.LUMINOUS
|
Panduit, Corp.
|
SI300-FS SI3000-KS SI3000-KSR SI3008-B-FS SI3000-C |
84 dB ADC Dynamic Range 84 dB DAC Dynamic Range 4?2 kHz Sample Rates 30 dB Microphone Pre-Amp
|
Silicon Laboratories Inc.
|